PART |
Description |
Maker |
FT0405MH FT0404BH FT0407DH FT0408DH FT0404DH FT040 |
600 V, 10 mA logic level TRIAC 400 V, 10 mA logic level TRIAC 200 V, 10 mA logic level TRIAC 200 V, 5 mA logic level TRIAC 600 V, 5 mA logic level TRIAC 400 V, 5 mA logic level TRIAC Logic Level TRIACs 逻辑电平双向可控
|
Fagor Electronic Theatre Controls, Inc.
|
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
MAC08MT1 MAC08BT1 MAC08DT1 |
TRIAC 0.8 AMPERE RMS 200 thru 600 Volts 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
MOTOROLA INC MOTOROLA[Motorola, Inc] Motorola Mobility Holdings, Inc.
|
CQ220I-12D CQ220I-12N CQ220I-12M CQ220I-12B |
ISOLATED TAB TRIAC 12 AMP 200 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ223-2M CQ223-2N |
2.0 AMP TRIAC 600 THRU 800 VOLTS 800 V, 2 A, 4 QUADRANT LOGIC LEVEL TRIAC 2.0 AMP TRIAC 600 THRU 800 VOLTS 600 V, 2 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS 800 V, 2 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
Central Semiconductor, Corp.
|
CQDD-16N |
16 AMP TRIAC 600 THRU 800 VOLTS 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Central Semiconductor, Corp.
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
|